Part Number Hot Search : 
IRF6215L SMB30C FM4005 100M10 1N662E3 MAX1114 2N2528 BY251
Product Description
Full Text Search
 

To Download 2N2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
5.84 (0.230) 5.31 (0.209) 4.95 (0.195) 4.52 (0.178)
SEME
2N2222A
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
5.33 (0.210) 4.32 (0.170)
FEATURES
* SILICON PLANAR EPITAXIAL NPN TRANSISTOR * HIGH SPEED SATURATED SWITCHING * ALSO AVAILABLE IN CERAMIC SURFACE MOUNT PACKAGE
0.48 (0.019) 0.41 (0.016) dia.
2.54 (0.100) Nom.
3 2
1
TO-18 METAL PACKAGE
Underside View PIN 1 - Emitter PIN 2 - Base PIN 3 - Collector
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise stated)
VCBO VCEO VEBO IC PD PD TJ , TSTG Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage Collector Current Total Device Dissipation @ TA = 25C Derate above 25C Total Device Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range 75V 40V 6V 800mA 0.5mW 2.28mW / C 1.2W 6.85mW / C -65 to +200C
Prelim. 3/96
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
12.7 (0.500) min.
LAB
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise stated)
Parameter
V(BR)CEO V(BR)CBO V(BR)EBO ICEX ICBO IEBO IBL OFF CHARACTERISTICS Collector - Emitter Sustaining Voltage Collector - Base Breakdown Voltage Emitter - Base Breakdown Voltage Collector Cut-off Current Collector - Base Cut-off Current Emitter Cut-off Current (IC = 0) Base Current ON CHARACTERISTICS VCE(sat)1 VBE(sat)1 Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage IC = 150mA IC = 500mA IC = 150mA IC = 500mA IC = 0.1mA IC = 1mA IC = 10mA hFE DC Current Gain IC = 150mA IC = 150mA IC = 500mA fT Cob Cib hfe SMALL SIGNAL CHARACTERISTICS Transition Frequency 2 IC = 20mA Output Capacitance Input Capacitance Small Signal Current Gain VCB = 10V VEB = 0.5V IC = 1mA IC = 10mA VCE = 20V IE = 0 IC = 0 VCE = 10V VCE = 10V IB = 15mA IB = 50mA IB = 15mA IC = 50mA VCE = 10V VCE = 10V VCE = 10V TA = -55C VCE = 10V 1 VCE = 1V VCE = 10V
1 1
SEME
2N2222A
Test Conditions
IC = 10mA IC = 10A IE = 10A VCE = 60V IE = 0 IC = 0 VCE = 60V IB = 0 IE = 0 IC = 0 VEB(off) = 3V VCB = 60V TA = 150C VEB = 3V VEB(off) = 3V
Min.
40 75 6
Typ.
Max. Unit
V
V V 10 0.01 10 10 20 0.3 1 nA A nA nA
V V
0.6 35 50 75 35 100 50 40 300
1.2 2
-- 300
f = 100MHz f = 100kHz f = 100kHz f = 1kHz f = 1kHz
MHz 8 25 pF --
50 75
300 375 10 25 225 60
td tr ts tf
SWITCHING CHARACTERISTICS Delay Time VCC = 30V Rise Time Storage Time Fall Time IC = 150mA VCC = 30V
VBE(off) = 0.5V IB1 = 15mA IC = 150mA IB1 = IB2 = 15mA
ns ns
NOTES:
1) Pulse test: tp 300s , 2% 2) fT is defined as the frequency at which hFE extrapolates to unity.
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/96


▲Up To Search▲   

 
Price & Availability of 2N2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X